PART |
Description |
Maker |
LT1814 LT1813 LT1813HV LT1813DMS8PBF LT1813HVCS8TR |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO16 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Quad 3mA, 100MHz, 750V/us Op Amp Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifier Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier
|
Linear Technology, Corp.
|
HIF6H-080PA-1.27DSA HIF6H-080PA-1.27DS HIF6HB-050D |
100 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET 0.635mm Pitch ID Cable Connector 0.635毫米间距编号电缆连接 CONNECTOR ACCESSORY 连接器附 LED Lamp; Color:Red; Luminous Intensity (MSCP):1.6; Voltage Rating:1.7V; Forward Current:3mA; Forward Voltage:1.7V; Input Current:3mA; LED Color:Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
EL2480CSZ-T7 EL2480 EL2480CS EL2480CS-T7 EL2480CSZ |
250MHz/3mA Current Mode Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, PDSO14 250MHz/3mA Current Mode Feedback Amplifier(250MHz/3mA电流模式反馈放大
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA3-2625-5 HA9P2625-5 HA9P2625-9 HA-2620 HA-2625 H |
From old datasheet system 100MHz High Input Impedance Very Wideband Uncompensated Operational Amplifiers 100MHz/ High Input Impedance/ Very Wideband/ Uncompensated Operational Amplifiers INDUCTOR PWR TOROID 2.5UH SMD 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
DMC20481NY-LY-ABE |
20characters x 4lines; 5x8dots (1character); 0.3-7.0V 2.3mA LCD module
|
Optrex Corporation
|
KTIR0821DS |
PHOTO-INTERRUPTER POSITION, LINEAR SENSOR-DIFFUSE, 1mm, 3mA, RECTANGULAR, THROUGH HOLE MOUNT
|
International Rectifier, Corp.
|
SHPCIE100 |
3.3V HCSL Low Jitter 100MHz PCIe? 2.0 XO 3.3V HCSL Low Jitter 100MHz PCIe垄莽 2.0 XO
|
Pericom Semiconductor Corporation
|
HA3-5020-5 HA9P5020-5 HA-5020 HA7-5020883 HA4-5020 |
Op Amp, 100MHz, Video, Current Feedback, with Output Disable 100MHz Current Feedback Video Amplifier With Disable
|
INTERSIL[Intersil Corporation]
|
PI-A17 |
POSITION, LINEAR SENSOR-DIFFUSE, 1-1mm, 3mA, RECTANGULAR, THROUGH HOLE MOUNT ROHS COMPLIANT PACKAGE-4
|
SunLED Co., Ltd.
|
APT752R4CN APT802R8CN APT752R8CN |
TRANSISTOR | MOSFET | N-CHANNEL | 750V V(BR)DSS | 4.5A I(D) | TO-254ISO TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 4A I(D) | TO-254ISO TRANSISTOR | MOSFET | N-CHANNEL | 750V V(BR)DSS | 4A I(D) | TO-254ISO
|
|
HA-5020_883 FN3541 HA7-5020_883 HA4-5020_883 HA-50 |
100MHz Current Feedback Video Amplifier with Disable 100MHz的电流反馈放大器禁用视频 100MHz Current Feedback Video Amplifier with Disable 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
DS4100H |
100MHz HCSL Clock Generator
|
Maxim Integrated Products
|